Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX12-600 Datasheet (PDF) - SemiHow Co.,Ltd.

HTX12-600 Datasheet PDF - SemiHow Co.,Ltd.
Part # HTX12-600
Download  HTX12-600 Download
File Size   282.75 Kbytes
Page   6 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 600V 12A TRIAC

HTX12-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTX12-600 Datasheet PDF - SemiHow Co.,Ltd.

Part # HTX12-600
Download  HTX12-600 Click to download

File Size   282.75 Kbytes
Page   6 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 600V 12A TRIAC

HTX12-600 Datasheet (HTML) - SemiHow Co.,Ltd.




Similar Part No. - HTX12-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
600V 16A TRIAC
More results


Similar Description - HTX12-600

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
TRIAC 600V,12A
logo
Renesas Technology Corp
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD Datasheet
106Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
600V ??12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
600V - 12A - Triac Medium Power Use
BCR12FM-12LC RENESAS-BCR12FM-12LC Datasheet
508Kb / 9P
600V - 12A - Triac Medium Power Use
Feb. 19, 2019
BCR16CM-12LC RENESAS-BCR16CM-12LC Datasheet
488Kb / 9P
600V - 12A - Triac Medium Power Use
Feb. 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com