Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6638-30GUTR Datasheet (PDF) - Silicon Standard Corp.

SS6638-30GUTR Datasheet PDF - Silicon Standard Corp.
Part # SS6638-30GUTR
Download  SS6638-30GUTR Download
File Size   909.97 Kbytes
Page   19 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Simple 3-Pin Step-Up DC/DC Converter

SS6638-30GUTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6638-30GUTR Datasheet PDF - Silicon Standard Corp.

Part # SS6638-30GUTR
Download  SS6638-30GUTR Click to download

File Size   909.97 Kbytes
Page   19 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Simple 3-Pin Step-Up DC/DC Converter

SS6638-30GUTR Datasheet (HTML) - Silicon Standard Corp.


SS6638-30GUTR Product details

DESCRIPTION

The SS6638G is a high-efficiency step-up DC/DC converter for applications  using 1 to  4 NiMH

battery cells. Only three external components are required to deliver a fixed output voltage of 2.7V, 3.0V, 3.3V, 4.5V or 5V. The SS6638Gstarts up from less than 0.9V input with 1mA load. A Pulse Frequency Modulation scheme brings optimized performance  for applications  with light output loading and low input voltages. The output ripple and noise are lower compared with circuits operating in PSM mode.



FATURES

Guaranteed start-up from less than 0.9 V.

High efficiency.

Low quiescent current.

Fewer external components needed.

Low ripple and low noise.

Fixed output voltage: 2.7V, 3.0V, 3.3V, 4.5V and 5V.

Space saving packages: SOT-23, SOT-89 and TO-92.

Pb-free, RoHS compliant.



APPLICATIONS

Pagers.

Cameras.

Wireless Microphones.

Pocket Organizers.

Battery Backup Supplies.

Portable Instruments.




Similar Part No. - SS6638-30GUTR

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
SS6638U SENSITRON-SS6638U Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
SS6638US SENSITRON-SS6638US Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
More results


Similar Description - SS6638-30GUTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
3-Pin Simple Step-Up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com