Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6735G Datasheet (PDF) - Silicon Standard Corp.

SS6735G Datasheet PDF - Silicon Standard Corp.
Part # SS6735G
Download  SS6735G Download
File Size   703.66 Kbytes
Page   9 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 500mA Low Dropout Linear Regulator

SS6735G Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6735G Datasheet PDF - Silicon Standard Corp.

Part # SS6735G
Download  SS6735G Click to download

File Size   703.66 Kbytes
Page   9 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 500mA Low Dropout Linear Regulator

SS6735G Datasheet (HTML) - Silicon Standard Corp.


SS6735G Product details

DESCRIPTION

The SS6735G is a 3-pin low-dropout linear regulator with superior characteristics, which include zero base current loss, very low drop out voltage, and output voltage accuracy of 2%. Typical ground current remains approximately 65mA, for loads ranging from zero to maximum. Dropout voltage at an output current of 100mA is exceptionally low. Built-in output current limiting and thermal limiting provide maximum protection against fault conditions.



FEATURES

  Low dropout voltage of 650mV at an output current of 500mA (3.0V output version).

  Guaranteed 500mA output current.

  Low ground current of 65mA.

  Output voltage accuracy of 2% at 1.8V/ 2.0V /2.5V /2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/5.2V

  Only needs 4.7mF output capacitor for stability.

  Current and thermal limiting.



APPLICATIONS

  CD-ROM Drivers.

  LAN Cards.

  Microprocessors.

  DRAM Modules.

  Wireless Communication Systems.

  Battery Powered Systems.



 




Similar Part No. - SS6735G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
More results


Similar Description - SS6735G

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com