Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40015 Datasheet (PDF) - Xicor Inc.

X40015 Datasheet PDF - Xicor Inc.
Part # X40015
Download  X40015 Download
File Size   124.12 Kbytes
Page   25 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Dual Voltage Monitor with Integrated CPU Supervisor

X40015 Datasheet (PDF)

Go To PDF Page Download Datasheet
X40015 Datasheet PDF - Xicor Inc.

Part # X40015
Download  X40015 Click to download

File Size   124.12 Kbytes
Page   25 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Dual Voltage Monitor with Integrated CPU Supervisor

X40015 Datasheet (HTML) - Xicor Inc.


X40015 Product details

DESCRIPTION

The X40010/11/14/15 combines power-on reset control, watchdog timer, supply voltage supervision, and secondary voltage supervision, in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.



FEATURES

• Dual voltage detection and reset assertion

   —Standard reset threshold settings See Selection table on page 2.

   —Adjust low voltage reset threshold voltages using special programming sequence

   —Reset signal valid to VCC = 1V

   —Monitor three voltages or detect power fail

• Independent Core Voltage Monitor (V2MON)

• Fault detection register

• Selectable power on reset timeout (0.05s, 0.2s, 0.4s, 0.8s)

• Selectable watchdog timer interval (25ms, 200ms, 1.4s, off)

• Low power CMOS

   —25µA typical standby current, watchdog on

   —6µA typical standby current, watchdog off

• 400kHz 2-wire interface

• 2.7V to 5.5V power supply operation

• Available packages

   —8-lead SOIC, TSSOP

  

APPLICATIONS

• Communication Equipment

   —Routers, Hubs, Switches

   —Disk Arrays, Network Storage

• Industrial Systems

   —Process Control

   —Intelligent Instrumentation

• Computer Systems

   —Computers

   —Network Servers



 




Similar Part No. - X40015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40015 INTERSIL-X40015 Datasheet
372Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
logo
Renesas Technology Corp
X40015 RENESAS-X40015 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40015S8-A RENESAS-X40015S8-A Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40015S8-B RENESAS-X40015S8-B Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40015S8-C RENESAS-X40015S8-C Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Similar Description - X40015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
May 25, 2006
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com