Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9312 Datasheet (PDF) - Xicor Inc.

X9312 Datasheet PDF - Xicor Inc.
Part # X9312
Download  X9312 Download
File Size   50.62 Kbytes
Page   9 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2POT??Nonvolatile Digital Potentiometer

X9312 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9312 Datasheet PDF - Xicor Inc.

Part # X9312
Download  X9312 Click to download

File Size   50.62 Kbytes
Page   9 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2POT??Nonvolatile Digital Potentiometer

X9312 Datasheet (HTML) - Xicor Inc.


X9312 Product details

DESCRIPTION
The Xicor X9312 is a solid state nonvolatile potentiometer and is ideal for digitally controlled resistance trimming.

FEATURES
• Compatible with X9C102/103/104/503
• Low Power CMOS
   —Active Current, 3mA Max
   —Standby Current, 1mA Max
• 99 Resistive Elements
   —Temperature Compensated
   —±20% End to End Resistance Range
   — 0 to +15V Range
• 100 Wiper Tap Points
   —Wiper Positioned via Three-Wire Interface
   —Similar to TTL Up/Down Counter
   —Wiper Position Stored in Nonvolatile
      Memory and Recalled on Power-Up
• 100 Year Wiper Position Data Retention
• X9312Z = 1KΩ
• X9312W = 10KΩ
• X9312U = 50KΩ
• X9312T = 100KΩ




Similar Part No. - X9312

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
X9312WP INTERSIL-X9312WP Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
X9312WPI INTERSIL-X9312WPI Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
X9312WS INTERSIL-X9312WS Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
X9312WSI INTERSIL-X9312WSI Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
More results


Similar Description - X9312

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
Dual E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
X9314 XICOR-X9314 Datasheet
53Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
X9316 XICOR-X9316 Datasheet
68Kb / 12P
E 2 POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com