Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9315 Datasheet (PDF) - Xicor Inc.

X9315 Datasheet PDF - Xicor Inc.
Part # X9315
Download  X9315 Download
File Size   73.59 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E 2 POT TM Nonvolatile Digital Potentiometer

X9315 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9315 Datasheet PDF - Xicor Inc.

Part # X9315
Download  X9315 Click to download

File Size   73.59 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E 2 POT TM Nonvolatile Digital Potentiometer

X9315 Datasheet (HTML) - Xicor Inc.


X9315 Product details

DESCRIPTION

The Xicor X9315 is a solid state "micropower" nonvol atile potentiometer and is ideal for digitally controlled

resistance trimming.

The X9315 is a resistor array composed of 31 resistive elements. Between each element and at either end are

tap points accessible to the wiper element. The position of the wiper element is controlled by the CS, U/D,

and INC inputs. The position of the wiper can be stored in nonvolatile memory and then be recalled upon a sub sequent power-up operation.



FEATURES

• Low Power CMOS

  —VCC = 2.7V to 5.5V, Single Supply

  —Active Current, 50µA (Increment) max

  —Active Current, 400µA (Store) Max

  —Standby Current, 1µA Max

• Low Noise

• 31 Resistive Elements

  —Temperature Compensated

  —±20% End to End Resistance Range

  —VSSto VCCRange

• 32 Wiper Tap Points

  —Wiper Positioned via Three-Wire Interface

  —Similar to TTL Up/Down Counter

  —Wiper Position Stored in Nonvolatile Memory and Recalled on Power-Up

• 100 Year Wiper Position Data Retention

• X9315Z = 1KΩ

• X9315W = 10KΩ

• Packages

  —8-Lead SOIC

  —8-Lead MSOP

  —8-Pin DIP




Similar Part No. - X9315

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
Low Noise, Low Power, 32 Taps
September 15, 2005
X9315 INTERSIL-X9315 Datasheet
347Kb / 16P
Digitally Controlled Potentiometer (XDCP??
X9315 INTERSIL-X9315 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
344Kb / 16P
Digitally Controlled Potentiometer
December 21, 2009
More results


Similar Description - X9315

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
E 2 POT??Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com