Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9511WS Datasheet (PDF) - Xicor Inc.

X9511WS Datasheet PDF - Xicor Inc.
Part # X9511WS
Download  X9511WS Download
File Size   56.73 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description PushPot O Potentiometer (Push Button Controlled)

X9511WS Datasheet (PDF)

Go To PDF Page Download Datasheet
X9511WS Datasheet PDF - Xicor Inc.

Part # X9511WS
Download  X9511WS Click to download

File Size   56.73 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description PushPot O Potentiometer (Push Button Controlled)

X9511WS Datasheet (HTML) - Xicor Inc.


X9511WS Product details

DESCRIPTION

The Xicor X9511 is a push button controlled, potentiometer and is ideal for push button controlled resistance trimming.

The X9511 is a resistor array composed of 31 resistive elements. Between each element and at either end are tap points accessible to the wiper element. The position of the wiper element is controlled by the PU and PD inputs. The position of the wiper can be automatically stored in E2 memory and then be recalled upon a subse quent power-on operation.



FEATURES

• Push Button Controlled

• Low Power CMOS

   —Active Current, 3mA Max

   —Standby Current, 200µA Max

• 31 Resistive Elements

   —Temperature Compensated

   —±20% End to End Resistance Range

   —–5V to +5V Range

• 32 Wiper Tap Points

   —Wiper Positioned via Two Push Button Inputs

   —Slow & Fast Scan Modes

   —AUTOSTORE Option

   —Manual Store Option

   —Wiper Position Stored in Nonvolatile Memory and Recalled on Power-Up

• 100 Year Wiper Position Data Retention

• X9511Z = 1KΩ

• X9511W = 10KΩ

• Packages

   —8-Lead PDIP

   —8-Lead SOIC



 




Similar Part No. - X9511WS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WS INTERSIL-X9511WS Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511WS INTERSIL-X9511WS Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
X9511WS INTERSIL-X9511WS Datasheet
201Kb / 9P
The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
February 2, 2007
X9511WS INTERSIL-X9511WS Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WS RENESAS-X9511WS Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Similar Description - X9511WS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
PushPot??Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
Single Push Button Controlled Potentiometer XDCP
March 24, 2008
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
Single Push Button Controlled Potentiometer
January 21, 2008
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com