Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148 Datasheet (PDF) - Analog Devices

AD9148 Datasheet PDF - Analog Devices
Part # AD9148
Download  AD9148 Download
File Size   851.61 Kbytes
Page   73 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter

AD9148 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9148 Datasheet PDF - Analog Devices

Part # AD9148
Download  AD9148 Click to download

File Size   851.61 Kbytes
Page   73 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter

AD9148 Datasheet (HTML) - Analog Devices


AD9148 Product details

GENERAL DESCRIPTION

The AD9148 is a quad, 16-bit, high dynamic range, digital-toanalog converter (DAC) that provides a sample rate of 1000 MSPS. This device includes features optimized for direct conversion transmit applications, including gain, phase, and offset compensation. The DAC outputs are optimized to interface seamlessly with analog quadrature modulators such as the ADL5371/ADL5372/ADL5373/ADL5374/ADL5375.



FEATURES

Single-carrier W-CDMA ACLR = 80 dBc at 150 MHz IF

Channel-to-channel isolation > 90 dB

Analog output

  Adjustable 8.7 mA to 31.7 mA

  RL = 25 Ω to 50 Ω

Novel 2×, 4×, and 8× interpolator eases data interface

On-chip fine complex NCO allows carrier placement anywhere in DAC bandwidth

High performance, low noise PLL clock multiplier

Multiple chip synchronization interface

Programmable digital inverse sinc filter

Auxiliary DACs allow for offset control

Gain DACs allow for I and Q gain matching

Programmable I and Q phase compensation

Digital gain control

Flexible LVDS digital I/F supports 32- or 16-bit bus width

196-ball CSP_BGA, 12 mm × 12 mm



APPLICATIONS

Wireless infrastructure

   LTE, TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM

MIMO/transmit diversity

Digital high or low IF synthesis




Similar Part No. - AD9148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5372-EBZ AD-AD9142-M5372-EBZ Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5375-EBZ AD-AD9142-M5375-EBZ Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142A AD-AD9142A Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
More results


Similar Description - AD9148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com