Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4670 Datasheet (PDF) - Analog Devices

ADN4670 Datasheet PDF - Analog Devices
Part # ADN4670
Download  ADN4670 Download
File Size   170.91 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Voltage 1:10 LVDS Clock Driver

ADN4670 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4670 Datasheet PDF - Analog Devices

Part # ADN4670
Download  ADN4670 Click to download

File Size   170.91 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Voltage 1:10 LVDS Clock Driver

ADN4670 Datasheet (HTML) - Analog Devices


ADN4670 Product details

GENERAL DESCRIPTION

The ADN4670 is a low voltage differential signaling (LVDS) clock driver that expands a differential clock input signal to 10 differential clock outputs. The device is programmable using a simple serial interface, so that one of two clock inputs can be selected (CLK0/CLK0 or CLK1/CLK1) and any of the differential outputs (Q0/Q0 to Q9/Q9) can be enabled or disabled (tristated). The ADN4670 is designed for use in 50 Ω transmission line environments.

When the enable input EN is high, the device may be programmed by clocking 11 data bits into the shift register. The first 10 bits determine which outputs are enabled (0 = disabled, 1 = enabled), while the 11th bit selects the clock input (0 = CLK0, 1 = CLK1). A 12th clock pulse transfers data from the shift register to the control register.

The ADN4670 is fully specified over the industrial temperature range and is available in a 32-lead LFCSP and LQFP packages.



FEATURES

  Low output skew <30 ps (typical)

  Distributes one differential clock input to 10 LVDS clock outputs

  Programmable—one of two differential clock inputs can be selected (CLK0, CLK1) and individual differential clock outputs enabled/disabled

  Signaling rate up to 1.1 GHz (typical)

  2.375 V to 2.625 V power supply range

  ±100 mV differential input threshold

  Input common-mode range from rail-to-rail

  I/O pins fail-safe during power-down: VDD = 0 V

  Available in 32-lead LFCSP and LQFP packages

  Industrial operating temperature range: −40°C to +85°C



APPLICATIONS

  Clock distribution networks



 




Similar Part No. - ADN4670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4670BCPZ AD-ADN4670BCPZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
ADN4670BCPZ-REEL7 AD-ADN4670BCPZ-REEL7 Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
ADN4670BSTZ-REEL7 AD-ADN4670BSTZ-REEL7 Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
More results


Similar Description - ADN4670

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
logo
Analog Devices
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110 TI1-CDCLVD110_12 Datasheet
519Kb / 13P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com