Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1705 Datasheet (PDF) - Maxim Integrated Products

DS1705 Datasheet PDF - Maxim Integrated Products
Part # DS1705
Download  DS1705 Download
File Size   269.74 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V and 5.0V MicroMonitor

DS1705 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1705 Datasheet PDF - Maxim Integrated Products

Part # DS1705
Download  DS1705 Click to download

File Size   269.74 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V and 5.0V MicroMonitor

DS1705 Datasheet (HTML) - Maxim Integrated Products


DS1705 Product details

DESCRIPTION
The DS1705/DS1706 3.3- or 5.0-Volt MicroMonitor monitors three vital conditions for a microprocessor:
power supply, software execution, and external override. A precision temperature compensated reference and comparator circuit monitor the status of VCC at the device and at an upstream point for maximum protection. When the sense input detects an out-of-tolerance condition, a non-maskable interrupt is generated. As the voltage at the device degrades, an internal power fail signal is generated which forces the reset to an active state. When VCC returns to an in-tolerance condition, the reset signal is kept in the active state for a minimum of 130 ms to allow the power supply and processor to stabilize.
The second function the DS1705/DS1706 performs is pushbutton reset control. The DS1705/DS1706 debounces the pushbutton input and guarantees an active reset pulse width of 130 ms minimum.
The third function is a watchdog timer. The DS1705/DS1706 has an internal timer that forces the WDS output signal to the active state if the strobe input is not driven low prior to time-out.

FEATURES
■ Halts and restarts an out-of-control microprocessor
■ Holds microprocessor in check during power transients
■ Automatically restarts microprocessor after power failure
■ Monitors pushbutton for external override
■ Accurate 5%, 10% or 20% resets for 3.3V systems and 5% or 10% resets for 5.0V systems
■ Eliminates the need for discrete components
■ 3.3V 20% tolerance for use with 3.0V systems
■ Pin-compatible with the MAXIM MAX705/MAX706 in 8-pin DIP, 8-pin SOIC, and μ-SOP
■ 8-pin DIP, 8-pin SOIC and 8-pin μ-SOP packages
■ Industrial temperature range -40C to +85C




Similar Part No. - DS1705

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1705 DALLAS-DS1705 Datasheet
76Kb / 10P
3.3 and 5.0 Volt MicroMonitor
logo
Maxim Integrated Produc...
DS1705EPA MAXIM-DS1705EPA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1705ESA MAXIM-DS1705ESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1705EUA MAXIM-DS1705EUA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
More results


Similar Description - DS1705

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
5V and 3.3V MicroMonitor
DS1831C DALLAS-DS1831C Datasheet
76Kb / 14P
3.3V/2.5V Multi-Supply MicroMonitor
logo
Maxim Integrated Produc...
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
M.S. Kennedy Corporatio...
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
3.3V and 5.0V Transient Voltage Suppressors
logo
Maxim Integrated Produc...
DS1831C MAXIM-DS1831C Datasheet
197Kb / 15P
3.3V/2.5V Multisupply MicroMonitor
060303
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
5V and 3.3V MicroMonitor
122001
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com