Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5968 Datasheet (PDF) - Maxim Integrated Products

MAX5968 Datasheet PDF - Maxim Integrated Products
Part # MAX5968
Download  MAX5968 Download
File Size   1775.79 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Circuit-Breaker and Ideal Diode Controller with Digital Monitoring Functions

MAX5968 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5968 Datasheet PDF - Maxim Integrated Products

Part # MAX5968
Download  MAX5968 Click to download

File Size   1775.79 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Circuit-Breaker and Ideal Diode Controller with Digital Monitoring Functions

MAX5968 Datasheet (HTML) - Maxim Integrated Products


MAX5968 Product details

General Description
The MAX5968 soft-switch and ideal diode controller protects systems with redundant DC-DC converter modules against failure of the converter by controlling external n-channel MOSFETs at the input and output of the converter. Input short-circuit and overload current protection is provided by means of a current-sense amplifier connected to a sense resistor that resides at the source of the external protection MOSFET. If a failure occurs at the input of the associated converter, the MAX5968 protects the input supply by pulling the gate of the input protection MOSFET low and disconnecting the failed converter. Similarly, if there is a failure at the output of the redundant converter, the MAX5968 detects the reverse potential across the output MOSFET and pulls the gate low to disconnect the failed converter from the load. The MAX5968 features VariableSpeed/BiLevelK input circuit-breaker protection.

Features
♦ 10-Bit ADC for Temperature, Voltage, Output
   MOSFET Forward Voltage, and Input Current
   Monitoring
♦ Circular Buffers Store 50 Most Recent Voltage
   and Current Values for Fault Transient Analysis
♦ Input Circuit-Breaker Controller Drives External
   Low-Side n-Channel MOSFET
♦ Output Reverse-Current Protection Controller
   Drives Parallel External n-Channel MOSFETs
♦ Programmable VariableSpeed/BiLevel Fault
   Protection Provides Electronic Circuit-Breaker
   Function
♦ Internal 4A Pulldown Current for Fast Shutdown
   of the Circuit Breaker
♦ Internal 600mW Gate Drive for Fast On-Off Control
   of the ORing FETs
♦ Minimum- and Maximum-Value Detection
   Registers for All Digitized Signals
♦ Two GPIO Pins
♦ 400kHz I2C Interface
♦ Small, 5mm x 5mm, 28-Pin TQFN Package

Applications
   Redundant DC-DC Converter Protection
   Servers
   High-Reliability Systems




Similar Part No. - MAX5968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5960 MAXIM-MAX5960 Datasheet
97Kb / 1P
Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5960A MAXIM-MAX5960A Datasheet
1Mb / 24P
Demonstrates PCI Express x16 Quad Hot-Plug Design
Rev 0; 10/07
MAX5960AECS+ MAXIM-MAX5960AECS+ Datasheet
97Kb / 1P
Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5960L MAXIM-MAX5960L Datasheet
1Mb / 24P
Demonstrates PCI Express x16 Quad Hot-Plug Design
Rev 0; 10/07
MAX5960LECS+ MAXIM-MAX5960LECS+ Datasheet
97Kb / 1P
Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
More results


Similar Description - MAX5968

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NLA-PM100D ETC2-NLA-PM100D Datasheet
145Kb / 2P
Multi-functions Power Monitoring and Control Terminal
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
Ideal Diode and Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
logo
Maxim Integrated Produc...
MAX16141 MAXIM-MAX16141_V01 Datasheet
575Kb / 24P
3.5V to 36V Ideal Diode Controllers with Voltage and Current Circuit Breaker
2022
logo
Texas Instruments
LM74900-Q1 TI-LM74900-Q1 Datasheet
3Mb / 44P
LM749x0-Q1 Automotive Ideal Diode With Circuit Breaker, Undervoltage and Overvoltage Protection With Fault Output
DECEMBER 2022
LM74900-Q1 TI-LM74900-Q1_V01 Datasheet
4Mb / 48P
LM749x0-Q1 Automotive Ideal Diode With Circuit Breaker, Undervoltage, and Overvoltage Protection With Fault Output
REVISED JUNE 2023
LM74900-Q1 TI1-LM74900-Q1_V02 Datasheet
4Mb / 48P
LM749x0-Q1 Automotive Ideal Diode With Circuit Breaker, Undervoltage, and Overvoltage Protection With Fault Output
REVISED JULY 2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com