Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8922L Datasheet (PDF) - Maxim Integrated Products

MAX8922L Datasheet PDF - Maxim Integrated Products
Part # MAX8922L
Download  MAX8922L Download
File Size   704.11 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN

MAX8922L Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8922L Datasheet PDF - Maxim Integrated Products

Part # MAX8922L
Download  MAX8922L Click to download

File Size   704.11 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN

MAX8922L Datasheet (HTML) - Maxim Integrated Products


MAX8922L Product details

General Description
The MAX8922L linear battery charger safely charges a single-cell lithium-ion (Li+) battery. Charging rate is optimized to accommodate the thermal characteristics of a given application. There is no need to reduce the maximum charge current at the worst-case charger power dissipation. Charging is optimized for a single Li+ cell using a control algorithm that includes low-battery precharging, voltage and current-limited fast charging, and top-off charging, while continuously monitoring for input overvoltage and device die-temperature conditions. The fast-charge current and top-off current thresholds are programmable by a simple single-pin serial interface. The charger status and valid input power are indicated by two open-drain outputs (CHG and POK).

Features
♦ Overvoltage-Protected 30VDC Rated Input (IN)
♦ Input Overvoltage-Protected Safe 4.94V LDO Output
♦ 2.3A GSM RF Test Mode
♦ No External FET, Blocking Diode, or Sense Resistor Required
♦ Single-Pin Easy Programmable Fast-Charge and GSM Test Mode (EN/SET)
♦ Resistor-Programmable Fast-Charge Current (SETI)
♦ Resistor-Programmable Top-Off Current Threshold (MIN)
♦ Prequalification Charge
♦ Power-OK Monitor Output (POK)
♦ Charging-Status Output (CHG)
♦ Die Temperature Regulation for Optimized Charge Rate
♦ Tiny (3mm x 2mm x 0.8mm) 10-Pin TDFN Package

Applications
GSM/EDGE/UMTS/CDMA Cell Phones
Digital Cameras
PDAs
Portable Media Players and MP3 Players
Wireless Appliances




Similar Part No. - MAX8922L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX892L MAXIM-MAX892L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX892LC/D MAXIM-MAX892LC/D Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
More results


Similar Description - MAX8922L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1508 MAXIM-MAX1508 Datasheet
198Kb / 11P
Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
19-2890; Rev 1; 10/03
MAX8808 MAXIM-MAX8808 Datasheet
236Kb / 13P
1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Rev 0; 4/05
MAX8606 MAXIM-MAX8606 Datasheet
170Kb / 12P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN
Rev 0; 8/05
MAX1507 MAXIM-MAX1507 Datasheet
220Kb / 12P
Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 1; 11/03
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Maxim Integrated Produc...
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com