Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002CK Datasheet (PDF) - NXP Semiconductors

2N7002CK Datasheet PDF - NXP Semiconductors
Part # 2N7002CK
Download  2N7002CK Download
File Size   83.83 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, 0.3 A N-channel Trench MOSFET

2N7002CK Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002CK Datasheet PDF - NXP Semiconductors

Part # 2N7002CK
Download  2N7002CK Click to download

File Size   83.83 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, 0.3 A N-channel Trench MOSFET

2N7002CK Datasheet (HTML) - NXP Semiconductors


2N7002CK Product details

General description
ESD protected N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features
● Logic-level compatible
● Very fast switching
● Trench MOSFET technology
● ESD protection up to 3 kV

Applications
● Relay driver
● High-speed line driver
● Low-side loadswitch
● Switching circuits




Similar Part No. - 2N7002CK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002CK PHILIPS-2N7002CK_15 Datasheet
83Kb / 13P
60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
More results


Similar Description - 2N7002CK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002P NXP-2N7002P Datasheet
173Kb / 16P
60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-19 April 2010
2N7002PW NXP-2N7002PW Datasheet
173Kb / 16P
60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-22 April 2010
2N7002CK PHILIPS-2N7002CK_15 Datasheet
83Kb / 13P
60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
60 V, N-channel Trench MOSFET
13 May 2019
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
14 December 2017
PMV164ENE NEXPERIA-PMV164ENE Datasheet
273Kb / 15P
60 V, N-channel Trench MOSFET
29 November 2021
PMV88ENE NEXPERIA-PMV88ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
29 November 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com