Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PA1774RM Datasheet (PDF) - NXP Semiconductors

2PA1774RM Datasheet PDF - NXP Semiconductors
Part # 2PA1774RM
Download  2PA1774RM Download
File Size   135.76 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP general purpose transistor

2PA1774RM Datasheet (PDF)

Go To PDF Page Download Datasheet
2PA1774RM Datasheet PDF - NXP Semiconductors

Part # 2PA1774RM
Download  2PA1774RM Click to download

File Size   135.76 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP general purpose transistor

2PA1774RM Datasheet (HTML) - NXP Semiconductors


2PA1774RM Product details

DESCRIPTION
PNP general purpose transistor in a SOT883 leadless ultra small plastic package.
NPN complement: 2PC4617M series.

FEATURES
• Leadless ultra small plastic package
   (1 mm × 0.6 mm × 0.5 mm)
• Board space 1.3 mm × 0.9 mm
• Power dissipation comparable to SOT23.

APPLICATIONS
• General purpose small signal DC
• Low and medium frequency AC applications
• Mobile communications, digital (still) cameras, PDAs,
   PCMCIA cards.




Similar Part No. - 2PA1774RM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1774RM PHILIPS-2PA1774RM Datasheet
70Kb / 8P
PNP general purpose transistor
2004 Feb 19
logo
Nexperia B.V. All right...
2PA1774RM NEXPERIA-2PA1774RM Datasheet
325Kb / 9P
PNP general purpose transistor
2004 Feb 19
2PA1774RM NEXPERIA-2PA1774RM Datasheet
325Kb / 9P
PNP general purpose transistor
2004 Feb 19
logo
NXP Semiconductors
2PA1774RMB NXP-2PA1774RMB Datasheet
332Kb / 12P
40 V, 100 mA PNP general-purpose transistors
Rev. 1-23 March 2012
logo
Nexperia B.V. All right...
2PA1774RMB NEXPERIA-2PA1774RMB Datasheet
988Kb / 12P
40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
More results


Similar Description - 2PA1774RM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com