Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB1219A Datasheet (PDF) - NXP Semiconductors

2PB1219A Datasheet PDF - NXP Semiconductors
Part # 2PB1219A
Download  2PB1219A Download
File Size   211.98 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP general purpose transistor

2PB1219A Datasheet (PDF)

Go To PDF Page Download Datasheet
2PB1219A Datasheet PDF - NXP Semiconductors

Part # 2PB1219A
Download  2PB1219A Click to download

File Size   211.98 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP general purpose transistor

2PB1219A Datasheet (HTML) - NXP Semiconductors


2PB1219A Product details

DESCRIPTION
PNP transistor in a SOT323; SC70 plastic package.
NPN complement: 2PD1820A.

FEATURES
• High current (max. 500 mA)
• Low voltage (max. 50 V)
• Low collector-emitter saturation voltage (max. 600 mV).

APPLICATIONS
• General purpose switching and amplification.




Similar Part No. - 2PB1219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB1219A PHILIPS-2PB1219A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PB1219A KEXIN-2PB1219A Datasheet
48Kb / 2P
PNP General Purpose Transistor
logo
Nexperia B.V. All right...
2PB1219A NEXPERIA-2PB1219A Datasheet
391Kb / 7P
PNP general purpose transistor
1999 Apr 12
logo
NXP Semiconductors
2PB1219AQ PHILIPS-2PB1219AQ Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PB1219AQ KEXIN-2PB1219AQ Datasheet
48Kb / 2P
PNP General Purpose Transistor
More results


Similar Description - 2PB1219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com