Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD1820A Datasheet (PDF) - NXP Semiconductors

2PD1820A Datasheet PDF - NXP Semiconductors
Part # 2PD1820A
Download  2PD1820A Download
File Size   107.79 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN general purpose transistor

2PD1820A Datasheet (PDF)

Go To PDF Page Download Datasheet
2PD1820A Datasheet PDF - NXP Semiconductors

Part # 2PD1820A
Download  2PD1820A Click to download

File Size   107.79 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN general purpose transistor

2PD1820A Datasheet (HTML) - NXP Semiconductors


2PD1820A Product details

DESCRIPTION

NPN transistor in an SC-70; SOT323 plastic package. PNP complement: 2PB1219A.



FEATURES

• High current (max. 500 mA)

• Low voltage (max. 50 V)

• Low collector-emitter saturation voltage (max. 600 mV).





APPLICATIONS

• General purpose switching and amplification, especially

for portable equipment.




Similar Part No. - 2PD1820A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD1820A PHILIPS-2PD1820A Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PD1820A KEXIN-2PD1820A Datasheet
48Kb / 1P
NPN General Purpose Transistor
logo
Nexperia B.V. All right...
2PD1820A NEXPERIA-2PD1820A Datasheet
287Kb / 7P
NPN general purpose transistor
1999 Apr 12
logo
NXP Semiconductors
2PD1820AQ PHILIPS-2PD1820AQ Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PD1820AQ KEXIN-2PD1820AQ Datasheet
48Kb / 1P
NPN General Purpose Transistor
More results


Similar Description - 2PD1820A

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com