Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX619 Datasheet (PDF) - Zetex Semiconductors

FCX619 Datasheet PDF - Zetex Semiconductors
Part # FCX619
Download  FCX619 Download
File Size   859.93 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON POWER (SWITCHING) TRANSISTOR

FCX619 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX619 Datasheet PDF - Zetex Semiconductors

Part # FCX619
Download  FCX619 Click to download

File Size   859.93 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON POWER (SWITCHING) TRANSISTOR

FCX619 Datasheet (HTML) - Zetex Semiconductors


FCX619 Product details

FEATURES
* 2W POWER DISSIPATION
* 6A PEAK PULSE CURRENT
* EXCELLENT hFE CHARACTERISTICS UP TO 6 Amps
* EXTREMELY LOW SATURATION VOLTAGE e.g. 13mV typ.
* EXTREMELY LOW EQUIVALENT ON-RESISTANCE;
* RCE(sat) 87mΩ at 2.75A

COMPLIMENTARY TYPE - FCX720
PARTMARKING DETAIL - 619




Similar Part No. - FCX619

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619 Datasheet
1Mb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX619 KEXIN-FCX619 Datasheet
52Kb / 2P
NPN Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX619 DIODES-FCX619 Datasheet
581Kb / 3P
SOT89 NPN SILICON POWER
JANUARY 2003
FCX619-13R DIODES-FCX619-13R Datasheet
251Kb / 6P
50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 7
FCX619TA DIODES-FCX619TA Datasheet
251Kb / 6P
50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 7
More results


Similar Description - FCX619

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1051A KEXIN-FCX1051A Datasheet
52Kb / 2P
NPN Silicon Power Switching Transistor
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
SILICON NPN POWER SWITCHING TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com