Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459 Datasheet (PDF) - Zetex Semiconductors

FMMT459 Datasheet PDF - Zetex Semiconductors
Part # FMMT459
Download  FMMT459 Download
File Size   169.74 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR

FMMT459 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT459 Datasheet PDF - Zetex Semiconductors

Part # FMMT459
Download  FMMT459 Click to download

File Size   169.74 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR

FMMT459 Datasheet (HTML) - Zetex Semiconductors


FMMT459 Product details

Summary
V(BR)CEV > 500V
V(BR)ECV > 6V
Ic(cont) = 150 mA
Vce(sat) = 70 mV @ 50 mA

Description
This new high voltage transistor provides users with very efficient performance, combining low VCE(SAT) high Hfe to give extremely low on state losses at 500V operation, making it ideal for use in high efficiency Telecom and protected line switching applications.

Features
■ 6V reverse blocking capability
■ Low saturation voltage - 90mV @ 50mA
■ Hfe  50 @ 30 mA
■ IC=150mA continuous
■ SOT23 package with Ptot 625mW
■ Specification can be supplied in other package outlines

Applications
■ Electronic test equipment
■ Offline switching circuits
■ Piezo actuators
■ RCD circuit




Similar Part No. - FMMT459

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT459 ZETEX-FMMT459 Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
logo
Guangdong Kexin Industr...
FMMT459 KEXIN-FMMT459 Datasheet
44Kb / 2P
Silicon NPN High Voltage Switching Transistor
logo
Diodes Incorporated
FMMT459 DIODES-FMMT459 Datasheet
196Kb / 6P
500V Silicon NPN high voltage switching transistor
Agust 2005
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
logo
Zetex Semiconductors
FMMT459TA ZETEX-FMMT459TA Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
More results


Similar Description - FMMT459

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT27 DIODES-APT27_15 Datasheet
338Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
Rev 2
APT13003D DIODES-APT13003D_15 Datasheet
390Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13003L DIODES-APT13003L_15 Datasheet
298Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13003S DIODES-APT13003S_15 Datasheet
341Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13005 DIODES-APT13005_15 Datasheet
306Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005D DIODES-APT13005D_15 Datasheet
554Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005S DIODES-APT13005S_15 Datasheet
369Kb / 8P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
APT13005D DIODES-APT13005D Datasheet
558Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com