Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT491A Datasheet (PDF) - Zetex Semiconductors

FMMT491A Datasheet PDF - Zetex Semiconductors
Part # FMMT491A
Download  FMMT491A Download
File Size   141.31 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

FMMT491A Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT491A Datasheet PDF - Zetex Semiconductors

Part # FMMT491A
Download  FMMT491A Click to download

File Size   141.31 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

FMMT491A Datasheet (HTML) - Zetex Semiconductors


FMMT491A Product details

FEATURES

* Very Low Equivalent Resistance, RCE(sat) 195mΩ at 1A



COMPLEMENTARY TYPE - FMMT591A

PARTMARKING DETAIL - 41A



 




Similar Part No. - FMMT491A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT491A KEXIN-FMMT491A Datasheet
35Kb / 1P
Medium Power Transistor
logo
Diodes Incorporated
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
logo
Rectron Semiconductor
FMMT491A RECTRON-FMMT491A Datasheet
364Kb / 5P
TRANSISTOR (NPN)
logo
Diodes Incorporated
FMMT491AQTA DIODES-FMMT491AQTA Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491AQTA DIODES-FMMT491AQTA Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results


Similar Description - FMMT491A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com