Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC245BQ Datasheet (PDF) - NXP Semiconductors

74ALVC245BQ Datasheet PDF - NXP Semiconductors
Part # 74ALVC245BQ
Download  74ALVC245BQ Download
File Size   100.14 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal bus transceiver; 3-state

74ALVC245BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC245BQ Datasheet PDF - NXP Semiconductors

Part # 74ALVC245BQ
Download  74ALVC245BQ Click to download

File Size   100.14 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal bus transceiver; 3-state

74ALVC245BQ Datasheet (HTML) - NXP Semiconductors


74ALVC245BQ Product details

General description
The 74ALVC245 is an octal transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. The 74ALVC245 features an output enable input (OE) for easy cascading and send/receive input (DIR) for direction control. OE controls the outputs, so that the buses are effectively isolated.

Features
■ Wide supply voltage range from 1.65 V to 3.6 V
■ Complies with JEDEC standard:
   ◆ JESD8-7 (1.65 V to 1.95 V)
   ◆ JESD8-5 (2.3 V to 2.5 V)
   ◆ JESD8B/JESD36 (2.7 V to 3.6 V)
■ 3.6 V tolerant inputs/outputs
■ CMOS low-power consumption
■ Direct interface with TTL levels (2.7 V to 3.6 V)
■ Power-down mode
■ Latch-up performance exceeds 250 mA
■ ESD protection:
   ◆ HBM JESD22-A114E exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V




Similar Part No. - 74ALVC245BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC245BQ NEXPERIA-74ALVC245BQ Datasheet
252Kb / 14P
Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Similar Description - 74ALVC245BQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com