Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5333B Datasheet (PDF) - Diotech Company.

1N5333B Datasheet PDF - Diotech Company.
Part # 1N5333B
Download  1N5333B Download
File Size   869.5 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 5W SILICON ZENER DIODE

1N5333B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5333B Datasheet PDF - Diotech Company.

Part # 1N5333B
Download  1N5333B Click to download

File Size   869.5 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 5W SILICON ZENER DIODE

1N5333B Datasheet (HTML) - Diotech Company.


1N5333B Product details

VZ : 3.3 - 200 Volts

PD : 5 Watts



FEATURES :

* Complete Voltage Range 3.3 to 200 Volts

* High peak reverse power dissipation

* High reliability

* Low leakage current



 




Similar Part No. - 1N5333B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
5 Watt Surmetic 40 Silicon Zener Diodes
logo
Microsemi Corporation
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
SILICON 5 WATT ZENER DIODES
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
5W SILICON ZENER DIODES
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results


Similar Description - 1N5333B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
5W ZENER DIODE
DS21407 Rev. D-3
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
5W SILICON ZENER DIODES
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
5W SURFACE MOUNT SILICON ZENER DIODE
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
5W ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
5W Zener Diode 5.1 to 200V
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
5W SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
5W silicon zener diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com