Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURF1040CT Datasheet (PDF) - Diotech Company.

MURF1040CT Datasheet PDF - Diotech Company.
Part # MURF1040CT
Download  MURF1040CT Download
File Size   1033.62 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SUPER FAST RECOVERY SILICON RECTIFIER

MURF1040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURF1040CT Datasheet PDF - Diotech Company.

Part # MURF1040CT
Download  MURF1040CT Click to download

File Size   1033.62 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SUPER FAST RECOVERY SILICON RECTIFIER

MURF1040CT Datasheet (HTML) - Diotech Company.


MURF1040CT Product details

Reverse Voltage - 50 to 600 Volts Forward Current - 10.0 Ampere



FEATURES

● The plastic package carries Underwriters Laboratory

  Flammability Classification 94V-0

● Super fast switching for high efficiency

● Low reverse leakage

● High forward surge current capability

● High temperature soldering guaranteed: 250 C/10 seconds,0.25”(6.35mm) from case



MECHANICAL DATA

● Case: JEDEC ITO-220AB molded plastic body

● Terminals: Plated leads, solderable per MIL-STD-750,

Method 2026

● High temperature soldering guaranteed:

250oC/10 seconds, 0.25" (6.35mm) from case

● Polarity: As marked

● Mounting Position: Any

● Mounting Torque: 10 in-lbs maximum

● Weight: 0.08 ounce, 2.24 grams




Similar Part No. - MURF1040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURF1040CT MCC-MURF1040CT Datasheet
121Kb / 2P
10 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
logo
EIC discrete Semiconduc...
MURF1040CT EIC-MURF1040CT Datasheet
38Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
Thinki Semiconductor Co...
MURF1040CT THINKISEMI-MURF1040CT Datasheet
557Kb / 2P
10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
logo
Sangdest Microelectroni...
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
logo
DIYI Electronic Technol...
MURF1040CT DYELEC-MURF1040CT Datasheet
1Mb / 3P
Low power loss, high efficiency
More results


Similar Description - MURF1040CT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF51 DIOTECH-SF51 Datasheet
659Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF805 DIOTECH-MURF805 Datasheet
718Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF1005 DIOTECH-MURF1005 Datasheet
656Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF3005PT DIOTECH-MURF3005PT Datasheet
783Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com