Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G02DP Datasheet (PDF) - NXP Semiconductors

74HC2G02DP Datasheet PDF - NXP Semiconductors
Part # 74HC2G02DP
Download  74HC2G02DP Download
File Size   91.96 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 2-input NOR gate

74HC2G02DP Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G02DP Datasheet PDF - NXP Semiconductors

Part # 74HC2G02DP
Download  74HC2G02DP Click to download

File Size   91.96 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 2-input NOR gate

74HC2G02DP Datasheet (HTML) - NXP Semiconductors


74HC2G02DP Product details

General description
The 74HC2G02 and 74HCT2G02 are high-speed Si-gate CMOS devices. They provide two 2-input NOR gates.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.

Features
■ Wide supply voltage range from 2.0 V to 6.0 V
■ Symmetrical output impedance
■ High noise immunity
■ Low power dissipation
■ Balanced propagation delays
■ Multiple package options
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC2G02DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G02DP PHILIPS-74HC2G02DP Datasheet
83Kb / 16P
Dual 2-input NOR gate
2003 May 14
logo
Nexperia B.V. All right...
74HC2G02DP NEXPERIA-74HC2G02DP Datasheet
210Kb / 12P
Dual 2-input NOR gate
Rev. 6 - 26 July 2018
74HC2G02DP-Q100 NEXPERIA-74HC2G02DP-Q100 Datasheet
210Kb / 12P
Dual 2-input NOR gate
74HC2G02DP-Q100 NEXPERIA-74HC2G02DP-Q100 Datasheet
209Kb / 12P
Dual 2-input NOR gate
Rev. 2 - 26 July 2018
More results


Similar Description - 74HC2G02DP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
logo
NXP Semiconductors
74LVC2G02 NXP-74LVC2G02 Datasheet
87Kb / 15P
Dual 2-input NOR gate
Rev. 05-4 September 2007
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
Dual 2-Input NOR Gate
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
Dual 2-input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
DUAL 2-INPUT NOR GATE
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
Dual 2-input NOR gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com