Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT2G08 Datasheet (PDF) - NXP Semiconductors

74HCT2G08 Datasheet PDF - NXP Semiconductors
Part # 74HCT2G08
Download  74HCT2G08 Download
File Size   92.93 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 2-input AND gate

74HCT2G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT2G08 Datasheet PDF - NXP Semiconductors

Part # 74HCT2G08
Download  74HCT2G08 Click to download

File Size   92.93 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 2-input AND gate

74HCT2G08 Datasheet (HTML) - NXP Semiconductors


74HCT2G08 Product details

1. General description

The 74HC2G08 and 74HCT2G08 are high-speed Si-gate CMOS devices. They provide two 2-input AND gates.

The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.

The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V



2. Features

Wide supply voltage range from 2.0 V to 6.0 V

Symmetrical output impedance

High noise immunity

Low power dissipation

Balanced propagation delays

Multiple package options

ESD protection:

HBM JESD22-A114E exceeds 2000 V

MM JESD22-A115-A exceeds 200 V

Specified from−40°C to +85°C and−40°C to +125°C




Similar Part No. - 74HCT2G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G08 PHILIPS-74HCT2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
logo
Nexperia B.V. All right...
74HCT2G08 NEXPERIA-74HCT2G08 Datasheet
211Kb / 12P
Dual 2-input AND gate
Rev. 6 - 1 November 2018
74HCT2G08-Q100 NEXPERIA-74HCT2G08-Q100 Datasheet
212Kb / 13P
Dual 2-input AND gate
Rev. 2 - 1 November 2018
logo
NXP Semiconductors
74HCT2G08DC PHILIPS-74HCT2G08DC Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
logo
Nexperia B.V. All right...
74HCT2G08DC NEXPERIA-74HCT2G08DC Datasheet
211Kb / 12P
Dual 2-input AND gate
Rev. 6 - 1 November 2018
More results


Similar Description - 74HCT2G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com