Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G32 Datasheet (PDF) - NXP Semiconductors

74HC2G32 Datasheet PDF - NXP Semiconductors
Part # 74HC2G32
Download  74HC2G32 Download
File Size   91.99 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 2-input OR gate

74HC2G32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G32 Datasheet PDF - NXP Semiconductors

Part # 74HC2G32
Download  74HC2G32 Click to download

File Size   91.99 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 2-input OR gate

74HC2G32 Datasheet (HTML) - NXP Semiconductors


74HC2G32 Product details

General description
The 74HC2G32; 74HCT2G32 is a dual 2-input OR gate. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.

Features and benefits
■ Wide supply voltage range from 2.0 V to 6.0 V
■ Input levels:
    ◆ For 74HC2G32: CMOS level
    ◆ For 74HCT2G32: TTL level
■ Complies with JEDEC standard no. 7A
■ Symmetrical output impedance
■ High noise immunity
■ Low power dissipation
■ Balanced propagation delays
■ Multiple package options
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC2G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G32 PHILIPS-74HC2G32 Datasheet
88Kb / 19P
Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HC2G32 NEXPERIA-74HC2G32 Datasheet
212Kb / 12P
Dual 2-input OR gate
Rev. 6 - 8 February 2019
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
211Kb / 12P
Dual 2-input OR gate
Rev. 3 - 8 February 2019
logo
NXP Semiconductors
74HC2G32DC PHILIPS-74HC2G32DC Datasheet
88Kb / 19P
Dual 2-input OR gate
2003 Oct 30
More results


Similar Description - 74HC2G32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
DUAL 2-INPUT OR GATE
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com