Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC3G04DC Datasheet (PDF) - NXP Semiconductors

74HC3G04DC Datasheet PDF - NXP Semiconductors
Part # 74HC3G04DC
Download  74HC3G04DC Download
File Size   91.98 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Inverter

74HC3G04DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC3G04DC Datasheet PDF - NXP Semiconductors

Part # 74HC3G04DC
Download  74HC3G04DC Click to download

File Size   91.98 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Inverter

74HC3G04DC Datasheet (HTML) - NXP Semiconductors


74HC3G04DC Product details

General description

The 74HC3G04 and 74HCT3G04 are high-speed Si-gate CMOS devices. They provide three inverting buffers. The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V. The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.



Features

Wide supply voltage range from 2.0 V to 6.0 V

Symmetrical output impedance

High noise immunity

Low power dissipation

Balanced propagation delays

Multiple package options

ESD protection:

  HBM JESD22-A114E exceeds 2000 V

  MM JESD22-A115-A exceeds 200 V

Specified from−40°C to +85°C and−40°C to +125°C




Similar Part No. - 74HC3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G04DC PHILIPS-74HC3G04DC Datasheet
82Kb / 17P
Inverter
2003 Oct 30
logo
Nexperia B.V. All right...
74HC3G04DC NEXPERIA-74HC3G04DC Datasheet
212Kb / 12P
Triple inverter
Rev. 5 - 26 November 2018
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
213Kb / 12P
Triple inverter
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
More results


Similar Description - 74HC3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
RJP1CS05DWA RENESAS-RJP1CS05DWA_15 Datasheet
115Kb / 4P
Inverter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com