Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC3G07DC Datasheet (PDF) - NXP Semiconductors

74HC3G07DC Datasheet PDF - NXP Semiconductors
Part # 74HC3G07DC
Download  74HC3G07DC Download
File Size   91.93 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer with open-drain outputs

74HC3G07DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC3G07DC Datasheet PDF - NXP Semiconductors

Part # 74HC3G07DC
Download  74HC3G07DC Click to download

File Size   91.93 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer with open-drain outputs

74HC3G07DC Datasheet (HTML) - NXP Semiconductors


74HC3G07DC Product details

General description
The 74HC3G07 and 74HCT3G07 are high-speed Si-gate CMOS devices. They provide three buffers with open-drain outputs.
The outputs of the 74HC3G07 and 74HCT3G07 devices are open drains and can be connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions. For digital operation this device must have a pull-up resistor to establish a logic HIGH-level.

Features
Wide supply voltage range from 2.0 V to 6.0 V
High noise immunity
Low power dissipation
Multiple package options
ESD protection:
  HBM JESD22-A114E exceeds 2000 V
  MM JESD22-A115-A exceeds 200 V
Specified from−40°C to +85°C and−40°C to +125°C




Similar Part No. - 74HC3G07DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC3G07DC NEXPERIA-74HC3G07DC Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HC3G07DC-Q100 NEXPERIA-74HC3G07DC-Q100 Datasheet
210Kb / 12P
Triple buffer with open-drain outputs
74HC3G07DC-Q100 NEXPERIA-74HC3G07DC-Q100 Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
74HC3G07DC-Q100 NEXPERIA-74HC3G07DC-Q100 Datasheet
733Kb / 13P
Triple buffer with open-drain outputs
Rev. 2 11 December 2013
More results


Similar Description - 74HC3G07DC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com