Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC3G34 Datasheet (PDF) - NXP Semiconductors

74HC3G34 Datasheet PDF - NXP Semiconductors
Part # 74HC3G34
Download  74HC3G34 Download
File Size   90.94 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer gate

74HC3G34 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC3G34 Datasheet PDF - NXP Semiconductors

Part # 74HC3G34
Download  74HC3G34 Click to download

File Size   90.94 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer gate

74HC3G34 Datasheet (HTML) - NXP Semiconductors


74HC3G34 Product details

General description
The 74HC3G34; 74HCT3G34 are high-speed Si-gate CMOS devices. They provide three buffer gates.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.

Features
■ Wide supply voltage range from 2.0 V to 6.0 V
■ Symmetrical output impedance
■ High noise immunity
■ Low-power dissipation
■ Balanced propagation delays
■ Multiple package options
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
Triple Buffer Gate
2003 May 19
logo
Nexperia B.V. All right...
74HC3G34 NEXPERIA-74HC3G34 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 7 - 11 June 2018
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
Triple buffer gate
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 2 - 11 June 2018
logo
NXP Semiconductors
74HC3G34DC PHILIPS-74HC3G34DC Datasheet
81Kb / 16P
Triple Buffer Gate
2003 May 19
More results


Similar Description - 74HC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
TRIPLE BUFFER GATE
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
TRIPLE BUFFER GATE
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
Triple Buffer Gate
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
Triple buffer gate
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 7 - 11 June 2018
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
Triple buffer gate
Rev. 3 - 17 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com