Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC27 Datasheet (PDF) - NXP Semiconductors

74HC27 Datasheet PDF - NXP Semiconductors
Part # 74HC27
Download  74HC27 Download
File Size   108.0 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple 3-input NOR gate

74HC27 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC27 Datasheet PDF - NXP Semiconductors

Part # 74HC27
Download  74HC27 Click to download

File Size   108.0 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple 3-input NOR gate

74HC27 Datasheet (HTML) - NXP Semiconductors


74HC27 Product details

General description
The 74HC27; 74HCT27 is a triple 3-input NOR gate. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.

Features and benefits
■ Complies with JEDEC standard no. 7A
■ Input levels:
   ◆ For 74HC27: CMOS level
   ◆ For 74HCT27: TTL level
■ ESD protection:
   ◆ HBM JESD22-A114F exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V
■ Multiple package options
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C




Similar Part No. - 74HC27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC27 PHILIPS-74HC27 Datasheet
32Kb / 5P
Triple 3-input NOR gate
December 1990
logo
Nexperia B.V. All right...
74HC27 NEXPERIA-74HC27 Datasheet
241Kb / 12P
Triple 3-input NOR gate
Rev. 6 - 10 September 2020
logo
Silicon Supplies
74HC27 SS-74HC27 Datasheet
266Kb / 5P
High Speed CMOS Logic
Rev 1.0 22/04/19
logo
Nexperia B.V. All right...
74HC27-Q100 NEXPERIA-74HC27-Q100 Datasheet
703Kb / 15P
Triple 3-input NOR gate
74HC27-Q100 NEXPERIA-74HC27-Q100 Datasheet
241Kb / 12P
Triple 3-input NOR gate
Rev. 2 - 10 September 2020
More results


Similar Description - 74HC27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com