Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC123 Datasheet (PDF) - NXP Semiconductors

74HC123 Datasheet PDF - NXP Semiconductors
Part # 74HC123
Download  74HC123 Download
File Size   155.34 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual retriggerable monostable multivibrator with reset

74HC123 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC123 Datasheet PDF - NXP Semiconductors

Part # 74HC123
Download  74HC123 Click to download

File Size   155.34 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual retriggerable monostable multivibrator with reset

74HC123 Datasheet (HTML) - NXP Semiconductors


74HC123 Product details

General description
The 74HC123; 74HCT123 are high-speed Si-gate CMOS devices and are pin compatible with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.
The 74HC123; 74HCT123 are dual retriggerable monostable multivibrators with output pulse width control by three methods:

1. The basic pulse is programmed by selection of an external resistor (REXT) and
   capacitor (CEXT).
2. Once triggered, the basic output pulse width may be extended by retriggering the
   gated active LOW-going edge input (nA) or the active HIGH-going edge input (nB). By
   repeating this process, the output pulse period (nQ = HIGH, nQ = LOW) can be made
   as long as desired. Alternatively an output delay can be terminated at any time by a
   LOW-going edge on input nRD, which also inhibits the triggering.
3. An internal connection from nRD to the input gates makes it possible to trigger the
   circuit by a HIGH-going signal at input nRD as shown in the function table.
   Schmitt-trigger action in the nA and nB inputs, makes the circuit highly tolerant to slower
   input rise and fall times.
   The 74HC123; 74HCT123 are identical to the 74HC423; 74HCT423 but can be triggered
   via the reset input.

Features and benefits
■ DC triggered from active HIGH or active LOW inputs
■ Retriggerable for very long pulses up to 100 % duty factor
■ Direct reset terminates output pulse
■ Schmitt-trigger action on all inputs except for the reset input
■ ESD protection:
   ◆ HBM JESD22-A114F exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from -40°C to +85°C and from -40°C to +125°C




Similar Part No. - 74HC123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC123 PHILIPS-74HC123 Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HC123 PHILIPS-74HC123 Datasheet
295Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Silicon Supplies
74HC123 SS-74HC123 Datasheet
610Kb / 7P
High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC123 NEXPERIA-74HC123 Datasheet
322Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
logo
Silicon Supplies
74HC123 SS-74HC123 Datasheet
451Kb / 7P
High Speed CMOS Logic
Rev 1.0 06/10/19
More results


Similar Description - 74HC123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com