Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC238 Datasheet (PDF) - NXP Semiconductors

74HC238 Datasheet PDF - NXP Semiconductors
Part # 74HC238
Download  74HC238 Download
File Size   120.28 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-to-8 line decoder/demultiplexer

74HC238 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC238 Datasheet PDF - NXP Semiconductors

Part # 74HC238
Download  74HC238 Click to download

File Size   120.28 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-to-8 line decoder/demultiplexer

74HC238 Datasheet (HTML) - NXP Semiconductors


74HC238 Product details

General description

74HC238 and 74HCT238 are high-speed Si-gate CMOS devices and are pin compatible with Low-Power Schottky TTL (LSTTL).

The 74HC238/74HCT238 decoders accept three binary weighted address inputs (A0, A1, A2) and when enabled, provide 8 mutually exclusive active HIGH outputs (Y0 to Y7). The 74HC238/74HCT238 features three enable inputs: two active LOW (E1 and E2) and one active HIGH (E3). Every output will be LOW unless E1 and E2 are LOW and E3 is HIGH. This multiple enable function allows easy parallel expansion of the “238” to a 1-to-32 (5 lines to 32 lines) decoder with just four “238” ICs and one inverter. The “238” can be used as an eight output demultiplexer by using one of the active LOW enable inputs as the data input and the remaining enable inputs as strobes. Unused enable inputs must be permanently tied to their appropriate active HIGH or LOW state.

The 74HC238/74HCT238 is similar to the 74HC138/74HCT138 but has non-inverting outputs.



Features

■ Demultiplexing capability

■ Multiple input enable for easy expansion

■ Ideal for memory chip select decoding

■ Active HIGH mutually exclusive outputs

■ Multiple package options

■ Complies with JEDEC standard no. 7A

■ ESD protection:

   ♦ HBM JESD22-A114E exceeds 2000 V

   ♦ MM JESD22-A115-A exceeds 200 V

■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C



 




Similar Part No. - 74HC238

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC238 PHILIPS-74HC238 Datasheet
49Kb / 7P
3-to-8 line decoder/demultiplexer
December 1990
logo
Nexperia B.V. All right...
74HC238 NEXPERIA-74HC238 Datasheet
267Kb / 15P
3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HC238-Q100 NEXPERIA-74HC238-Q100 Datasheet
244Kb / 17P
3-to-8 line decoder/demultiplexer
74HC238-Q100 NEXPERIA-74HC238-Q100 Datasheet
255Kb / 15P
3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
74HC238BQ NEXPERIA-74HC238BQ Datasheet
267Kb / 15P
3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
More results


Similar Description - 74HC238

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
3-to-8-line Decoder / Demultiplexer
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
3-to-8-line Decoder / Demultiplexer
logo
Texas Instruments
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com