Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC299DB Datasheet (PDF) - NXP Semiconductors

74HC299DB Datasheet PDF - NXP Semiconductors
Part # 74HC299DB
Download  74HC299DB Download
File Size   151.82 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit universal shift register; 3-state

74HC299DB Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC299DB Datasheet PDF - NXP Semiconductors

Part # 74HC299DB
Download  74HC299DB Click to download

File Size   151.82 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit universal shift register; 3-state

74HC299DB Datasheet (HTML) - NXP Semiconductors


74HC299DB Product details

General description
The 74HC299; 74HCT299 are high-speed Si-gate CMOS devices which are pin-compatible with Low-power Schottky TTL (LSTTL) devices. They are specified in compliance with JEDEC standard no. 7A.
   
Features
■ Multiplexed inputs/outputs provide improved bit density
■ Four operating modes:
    ◆ Shift left
    ◆ Shift right
    ◆ Hold (store)
    ◆ Load data
■ Operates with output enable or at high-impedance OFF-state (Z)
■ 3-state outputs drive bus lines directly
■ Cascadable for n-bit word lengths
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C
   




Similar Part No. - 74HC299DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC299DB PHILIPS-74HC299DB Datasheet
85Kb / 11P
8-bit universal shift register; 3-state
December 1990
More results


Similar Description - 74HC299DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
8-bit universal shift/storage register 3-State
1990 Mar 01
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
8-bit universal shift register; 3-state
December 1990
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
3-STATE 8-Bit Universal Shift/Storage Register
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
NXP Semiconductors
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
3-state 8-bit shift register
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com