Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4052 Datasheet (PDF) - NXP Semiconductors

74HC4052 Datasheet PDF - NXP Semiconductors
Part # 74HC4052
Download  74HC4052 Download
File Size   286.78 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 4-channel analog multiplexer/demultiplexer

74HC4052 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4052 Datasheet PDF - NXP Semiconductors

Part # 74HC4052
Download  74HC4052 Click to download

File Size   286.78 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 4-channel analog multiplexer/demultiplexer

74HC4052 Datasheet (HTML) - NXP Semiconductors


74HC4052 Product details

General description
The 74HC4052; 74HCT4052 is a high-speed Si-gate CMOS device and is pin compatible with the HEF4052B. The device is specified in compliance with JEDEC standard no. 7A.

Features and benefits
■ Wide analog input voltage range from 5 V to +5 V
■ Low ON resistance:
    ◆ 80 Ω (typical) at VCC - VEE = 4.5 V
    ◆ 70 Ω (typical) at VCC - VEE = 6.0 V
    ◆ 60 Ω (typical) at VCC - VEE = 9.0 V
■ Logic level translation: to enable 5 V logic to communicate with 5 V analog signals
■ Typical ‘break before make’ built-in
■ Complies with JEDEC standard no. 7A
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
    ◆ CDM JESD22-C101E exceeds 1000 V
■ Specified from -40 °C to +85 °C and -40 °C to +125 °C

Applications
■ Analog multiplexing and demultiplexing
■ Digital multiplexing and demultiplexing
■ Signal gating




Similar Part No. - 74HC4052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052 PHILIPS-74HC4052 Datasheet
129Kb / 15P
Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
74HC4052 PHILIPS-74HC4052 Datasheet
183Kb / 27P
Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HC4052 NEXPERIA-74HC4052 Datasheet
374Kb / 25P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
228Kb / 27P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 10 February 2016
logo
Nexperia B.V. All right...
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
891Kb / 26P
Dual 4-channel analog multiplexer/demultiplexer
More results


Similar Description - 74HC4052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
Dual 4-channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com