Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT4067 Datasheet (PDF) - NXP Semiconductors

74HCT4067 Datasheet PDF - NXP Semiconductors
Part # 74HCT4067
Download  74HCT4067 Download
File Size   178.25 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-channel analog multiplexer/demultiplexer

74HCT4067 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4067 Datasheet PDF - NXP Semiconductors

Part # 74HCT4067
Download  74HCT4067 Click to download

File Size   178.25 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-channel analog multiplexer/demultiplexer

74HCT4067 Datasheet (HTML) - NXP Semiconductors


74HCT4067 Product details

General description
The 74HC4067; 74HCT4067 is a high-speed Si-gate CMOS device and is pin compatible with the HEF4067B. The device is specified in compliance with JEDEC standard no. 7A.
The 74HC4067; 74HCT4067 is a 16-channel analog multiplexer/demultiplexer with four address inputs (S0 to S3), an active-LOW enable input (E), sixteen independent inputs/outputs (Y0 to Y15) and a common input/output (Z).
The 74HC4067; 74HCT4067 contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (Y0 to Y15) and the other side connected to a common input/output (Z).
With pin E = LOW, one of the sixteen switches is selected by pins S0 to S3 (low impedance ON-state). All unselected switches are in the high-impedance OFF-state.
With pin E = HIGH, all switches are in the high-impedance OFF-state, independent of pins S0 to S3.
The analog inputs/outputs (Y0 to Y15, and Z) can swing between VCC as a positive limit and GND as a negative limit. VCC to GND may not exceed 10 V.

Features and benefits
■ Low ON resistance:
 ♦ 80 Ω (typical) at VCC = 4.5 V
 ♦ 70 Ω (typical) at VCC = 6.0 V
 ♦ 60 Ω (typical) at VCC = 9.0 V
■ Typical ‘break before make’ built-in

Applications
■ Analog multiplexing and demultiplexing
■ Digital multiplexing and demultiplexing
■ Signal gating




Similar Part No. - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4067 PHILIPS-74HCT4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
74HCT4067 NXP-74HCT4067 Datasheet
205Kb / 30P
16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HCT4067 NEXPERIA-74HCT4067 Datasheet
369Kb / 26P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
205Kb / 30P
16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
More results


Similar Description - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
16-channel analog multiplexer/demultiplexer
74HC4067 NEXPERIA-74HC4067 Datasheet
369Kb / 26P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com