Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4060DB Datasheet (PDF) - NXP Semiconductors

74HC4060DB Datasheet PDF - NXP Semiconductors
Part # 74HC4060DB
Download  74HC4060DB Download
File Size   150.67 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 14-stage binary ripple counter with oscillator

74HC4060DB Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4060DB Datasheet PDF - NXP Semiconductors

Part # 74HC4060DB
Download  74HC4060DB Click to download

File Size   150.67 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 14-stage binary ripple counter with oscillator

74HC4060DB Datasheet (HTML) - NXP Semiconductors


74HC4060DB Product details

General description
The 74HC4060; 74HCT4060 are high-speed Si-gate CMOS device and is pin compatible with the HEF4060.

Features
■ All active components on chip
■ RC or crystal oscillator configuration
■ Complies with JEDEC standard no. 7 A
■ ESD protection:
   ◆ HBM JESD22-A114E exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V
■ Multiple package options
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C

Applications
■ Control counters
■ Timers
■ Frequency dividers
■ Time-delay circuits




Similar Part No. - 74HC4060DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060DB PHILIPS-74HC4060DB Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
More results


Similar Description - 74HC4060DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
14-stage binary ripple counter with oscillator
1998 Jun 23
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
14-stage binary ripple counter with oscillator
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com