Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1820 Datasheet (PDF) - Micronas

HAL1820 Datasheet PDF - Micronas
Part # HAL1820
Download  HAL1820 Download
File Size   243.21 Kbytes
Page   2 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Programmable Linear Hall-Effect Sensor Family

HAL1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL1820 Datasheet PDF - Micronas

Part # HAL1820
Download  HAL1820 Click to download

File Size   243.21 Kbytes
Page   2 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Programmable Linear Hall-Effect Sensor Family

HAL1820 Datasheet (HTML) - Micronas


HAL1820 Product details

Introduction
The HAL1820 is a new member of the Micronas family of programmable linear Hall-Effect Sensors.

Features
– Ratiometric linear output proportional to the magnetic field
– Various programmable magnetic characteristics with non-volatile memory
– Digital signal processing
– Continuos measurement ranges from ±20 mT to ±160 mT
– Customer readable Micronas production information (like lot number, wafer number, etc.)
– Temperature characteristics programmable for matching all common magnetic materials
– Programming via supply voltage modulation
– Lock function and built-in redundancy for EEPROM memory
– Temperature and stress-stable quiescent output voltage
– on-chip temperature compensation
– active offset compensation
– operates from -40 °C up to 170 °C junction temperature
– operates from 4.5 V up to 5.5 V supply voltage in specification
– operates with static magnetic fields and dynamic magnetic fields up to 2.25 kHz
– overvoltage and reverse-voltage protection at VDD pin
– magnetic characteristics extremely robust against mechanical stress
– short-circuit protected push-pull output
– EMC and ESD optimized design

Major Applications
Due to the sensor’s robust characteristics, the HAL1820 is the optimal system solution for applications such as:
– linear position measurements,
– angle sensors,
– distance measurements,
– mag




Similar Part No. - HAL1820

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
Programmable Linear Hall Effect Sensor
More results


Similar Description - HAL1820

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
Programmable Linear Hall Effect Sensor
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
High-Precision Programmable Linear Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
Programmable Linear Hall-Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
Programmable Linear Hall-Effect Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com