Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL2810 Datasheet (PDF) - Micronas

HAL2810 Datasheet PDF - Micronas
Part # HAL2810
Download  HAL2810 Download
File Size   281.36 Kbytes
Page   2 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Linear Hall-Effect Sensor with LIN Bus

HAL2810 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL2810 Datasheet PDF - Micronas

Part # HAL2810
Download  HAL2810 Click to download

File Size   281.36 Kbytes
Page   2 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Linear Hall-Effect Sensor with LIN Bus

HAL2810 Datasheet (HTML) - Micronas


HAL2810 Product details

Linear Hall-Effect Sensor with LIN Bus



The HAL 2810 is a member of the Micronas family HAL 28xy of programmable linear Hall-effect sensors.

It features a Hall-plate with spinning current offset compensation technique and a precise temperature sensor which is used for temperature compensation of both the Hall sensors sensitivity and offset.



Features

High precision linear Hall-effect sensor

Spinning-current offset compensation

Built-in temperature sensor

Operating junction temperature range: −40 °C… 140 °C

Customer-programmable temperature compensation of Hall-sensitivity (2nd order) and Hall-offset (1st order)

Overvoltage and reverse voltage protection at all pins.

Magnetic characteristics extremely robust against mechanical stress

Digital signal processing

High-precision low-pass filter with constant gain at the pass band and a high attenuation at the stop band. Sample frequency adjustable to 27 Hz and 54 Hz.

12 bit resolution

Non-volatile EEPROM with redundancy and lock function

LIN slave according to LIN Specification Package Rev. 2.0

Supported LIN baud rates: 10.4 kbps and 20 kbps

Integrated LIN physical layering



Major Applications

Due to the sensor’s versatile programming characteristics and low drifts, the HAL 2810 is the optimal system solution for applications such as:



Contactless potentiometers

Angular measurements (e.g. for fuel-level sensing)

Linear movement (e.g. Seat track position)

Linear force or torque measurements




Similar Part No. - HAL2810

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
Linear Hall-Effect Sensor with SENT Output
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
Linear Hall-Effect Sensor Family with SENT Interface
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
Linear Hall-Effect Sensor with PWM Output
HAL28XY MICRONAS-HAL28XY Datasheet
242Kb / 2P
Linear Hall-Effect Sensor Family with Digital Interfaces
More results


Similar Description - HAL2810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com