Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL575SF-E Datasheet (PDF) - Micronas

HAL575SF-E Datasheet PDF - Micronas
Part # HAL575SF-E
Download  HAL575SF-E Download
File Size   1730.62 Kbytes
Page   36 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Two-Wire Hall-Effect Sensor Family

HAL575SF-E Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL575SF-E Datasheet PDF - Micronas

Part # HAL575SF-E
Download  HAL575SF-E Click to download

File Size   1730.62 Kbytes
Page   36 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Two-Wire Hall-Effect Sensor Family

HAL575SF-E Datasheet (HTML) - Micronas


HAL575SF-E Product details

Introduction
This sensor family consists of different two-wire Hall switches produced in CMOS technology. All sensors change the current consumption depending on the external magnetic field and require only two wires between sensor and evaluation circuit. The sensors of this family differ in the magnetic switching behavior and switching points.

Features
– current output for two-wire applications
– low current consumption: 5 mA...6.9 mA
– high current consumption: 12 mA...17 mA
– junction temperature range from −40 °C up to 140 °C.
– operates from 3.75 V to 24 V supply voltage
– operates with static magnetic fields and dynamic magnetic fields up to 10 kHz
– switching offset compensation at typically 145 kHz
– overvoltage and reverse-voltage protection
– magnetic characteristics are robust against mechanical stress effects
– constant magnetic switching points over a wide supply voltage range
– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of the magnetic characteristics
– ideal sensor for applications in extreme automotive and industrial environments
– EMC corresponding to ISO 7637




Similar Part No. - HAL575SF-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL575 ETC-HAL575 Datasheet
185Kb / 20P
Two-Wire Hall Effect Sensor Family
More results


Similar Description - HAL575SF-E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
Two-Wire Hall Effect Sensor Family
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
Two-Wire Hall Effect Sensor Family
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
Two-Wire Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com