Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1112 Datasheet (PDF) - NXP Semiconductors

LPC1112 Datasheet PDF - NXP Semiconductors
Part # LPC1112
Download  LPC1112 Download
File Size   1113.01 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Cortex-M0 based microcontrollers with industry-leading power and efficiency

LPC1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC1112 Datasheet PDF - NXP Semiconductors

Part # LPC1112
Download  LPC1112 Click to download

File Size   1113.01 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Cortex-M0 based microcontrollers with industry-leading power and efficiency

LPC1112 Datasheet (HTML) - NXP Semiconductors


LPC1112 Product details

Cortex-M0 based microcontrollers with industry-leading power and efficiency



Built around the new Cortex-M0 architecture, the smallest, lowest power, and most energy-efficient ARM core ever developed, these MCUs are ideally equipped for use in many traditional 8/16-bit applications.



Key features

► ARM Cortex-M0 processor

   - 50 MHz operation

   - Nested Vectored Interrupt Controller for fast deterministic interrupts

   - Wakeup Interrupt Controller allows automatic wake from a priority interrupt

   - Three reduced-power modes: Sleep, Deep-sleep, and Deep power-down

► Memories

   - Up to 128 KB Flash memory

   - Up to 16 KB SRAM

► Serial peripherals

   - UART with fractional baud rate generation, internal FIFO, and RS-485 support

   - Up to 2 SPI controllers with FIFO and multi-protocol capabilities

   - I2C-bus interface supporting full I2C-bus specification and Fast mode plus with a data rate of 1 Mbit/s with multiple address recognition and monitor mode

► Analogperipheral

   - 10-bit Analog-to-Digital Converter with eight channels and conversion rates up to 400 K samples per second

► Other:

   - Up to 42 general-purpose I/O (GPIO) pins with configurable pull-up/down resistors and a new, configurable open-drain operating mode

   - Four general-purpose counter/timers, with a total of four capture inputs and 13 match outputs

   - Programmable Watchdog Timer (WDT) with lock-out feature

   - System tick timer

   - Each peripheral has its own clock divider for power savings



Applications

► White goods

► e-Metering

► Consumer peripherals

► Remote sensors

► 8/16-bit applications

► Industrial networking

► System supervisors



 




Similar Part No. - LPC1112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1112 NXP-LPC1112 Datasheet
851Kb / 2P
Cortex-M0 MCUs with lowest active power and superior code density
April 2011
LPC1112 NXP-LPC1112 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1112 NXP-LPC1112 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1112 PHILIPS-LPC1112 Datasheet
4Mb / 543P
LPC111x/LPC11Cxx User manual
Rev. 12.1-7 August 2013
LPC1112FHN33/101 NXP-LPC1112FHN33/101 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
More results


Similar Description - LPC1112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
logo
NXP Semiconductors
LPC1100L NXP-LPC1100L Datasheet
851Kb / 2P
Cortex-M0 MCUs with lowest active power and superior code density
April 2011
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
ARM짰 Cortex??M0 core
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
ISD Cortex??M0 ChipCorder
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
Nuvoton Technology Corp...
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com