Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G57 Datasheet (PDF) - NXP Semiconductors

74LVC1G57 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G57
Download  74LVC1G57 Download
File Size   103.95 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-power configurable multiple function gate

74LVC1G57 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G57 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G57
Download  74LVC1G57 Click to download

File Size   103.95 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-power configurable multiple function gate

74LVC1G57 Datasheet (HTML) - NXP Semiconductors


74LVC1G57 Product details

General description

The 74LVC1G57 provides configurable multiple functions. The output state is determined by eight patterns of 3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XNOR, inverter and buffer. All inputs can be connected to VCCor GND.



Features and benefits

Wide supply voltage range from 1.65 V to 5.5 V

5 V tolerant input/output for interfacing with 5 V logic

High noise immunity

Complies with JEDEC standard:

JESD8-7 (1.65 V to 1.95 V)

JESD8-5 (2.3 V to 2.7 V)

JESD8B/JESD36 (2.7 V to 3.6 V).

ESD protection:

   HBM JESD22-A114F exceeds 2000 V

MM JESD22-A115-A exceeds 200 V

24 mA output drive (VCC=3.0V)

CMOS low power consumption

Latch-up performance exceeds 250 mA

Direct interface with TTL levels

nputs accept voltages up to 5 V

Multiple package options

Specified from 40Cto+85C and 40Cto+125C.




Similar Part No. - 74LVC1G57

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G57 PHILIPS-74LVC1G57 Datasheet
99Kb / 18P
Low-power configurable multiple function gate
Rev. 01-6 September 2004
logo
Diodes Incorporated
74LVC1G57 DIODES-74LVC1G57 Datasheet
292Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35125 Rev. 1 - 2
74LVC1G57 DIODES-74LVC1G57 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Nexperia B.V. All right...
74LVC1G57 NEXPERIA-74LVC1G57 Datasheet
269Kb / 18P
Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
More results


Similar Description - 74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com