Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G175 Datasheet (PDF) - NXP Semiconductors

74LVC1G175 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G175
Download  74LVC1G175 Download
File Size   100.65 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single D-type flip-flop with reset; positive-edge trigger

74LVC1G175 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G175 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G175
Download  74LVC1G175 Click to download

File Size   100.65 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single D-type flip-flop with reset; positive-edge trigger

74LVC1G175 Datasheet (HTML) - NXP Semiconductors


74LVC1G175 Product details

General description

The 74LVC1G175 is a low-power, low-voltage single positive edge triggered D-type flip-flop with individual data (D) input, clock (CP) input, master reset (MR) input, and Q output.

The master reset (MR) is an asynchronous active LOW input and operates independently of the clock input. Information on the data input is transferred to the Q output on the LOW-to-HIGH transition of the clock pulse. The D input must be stable one set-up time prior to the LOW-to-HIGH clock transition for predictable operation.

The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device in a mixed 3.3 V and 5 V environment.

This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.

Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and fall times.



Features

■ Wide supply voltage range from 1.65 V to 5.5 V

■ 5 V tolerant inputs for interfacing with 5 V logic

■ High noise immunity

■ Complies with JEDEC standard:

   ◆ JESD8-7 (1.65 V to 1.95 V)

   ◆ JESD8-5 (2.3 V to 2.7 V)

   ◆ JESD8B/JESD36 (2.7 V to 3.6 V).

■ ±24 mA output drive (VCC = 3.0 V)

■ ESD protection:

   ◆ HBM JESD22-A114E exceeds 2000 V

   ◆ MM JESD22-A115-A exceeds 200 V.

■ CMOS low power consumption

■ Latch-up performance exceeds 250 mA

■ Direct interface with TTL levels

■ Inputs accept voltages up to 5 V

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C.



 




Similar Part No. - 74LVC1G175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
Single D-type flip-flop with reset; positive-edge trigger
logo
Texas Instruments
74LVC1G175DBVRE4 TI1-74LVC1G175DBVRE4 Datasheet
1Mb / 28P
Single D-Type Flip-Flop With Asynchronous Clear
74LVC1G175DBVRE4 TI2-74LVC1G175DBVRE4 Datasheet
1Mb / 32P
SN74LVC1G175 Single D-Type Flip-Flop With Asynchronous Clear
REVISED JUNE 2015
More results


Similar Description - 74LVC1G175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
Single D-type flip-flop with reset; positive-edge trigger
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com