Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1GU04 Datasheet (PDF) - NXP Semiconductors

74LVC1GU04 Datasheet PDF - NXP Semiconductors
Part # 74LVC1GU04
Download  74LVC1GU04 Download
File Size   99.67 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Inverter

74LVC1GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1GU04 Datasheet PDF - NXP Semiconductors

Part # 74LVC1GU04
Download  74LVC1GU04 Click to download

File Size   99.67 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Inverter

74LVC1GU04 Datasheet (HTML) - NXP Semiconductors


74LVC1GU04 Product details

DESCRIPTION

The 74LVC1GU04 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most

advanced CMOS compatible TTL families.



FEATURES

• Wide supply voltage range from 1.65 V to 5.5 V

• High noise immunity

•±24 mA output drive (VCC= 3.0 V)

• CMOS low power consumption

• Latch-up performance exceeds 250 mA

• Input accepts voltages up to 5 V

• Multiple package options

• ESD protection:

– HBM EIA/JESD22-A114-B exceeds 2000 V

– MM EIA/JESD22-A115-A exceeds 200 V.

• Specified from−40°C to +85°C and−40°C to +125°C.



 




Similar Part No. - 74LVC1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Silicon Supplies
74LVC1GU04 SS-74LVC1GU04 Datasheet
1Mb / 7P
Low Voltage CMOS Logic
logo
Nexperia B.V. All right...
74LVC1GU04 NEXPERIA-74LVC1GU04 Datasheet
276Kb / 18P
Unbuffered inverter
Rev. 15 - 12 January 2022
logo
NXP Semiconductors
74LVC1GU04-Q100 NXP-74LVC1GU04-Q100 Datasheet
118Kb / 14P
Unbuffered inverter
Rev. 1-14 May 2013
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
Unbuffered inverter
Rev. 4 - 12 January 2022
More results


Similar Description - 74LVC1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com