Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45 Datasheet (PDF) - NXP Semiconductors

74LVC1T45 Datasheet PDF - NXP Semiconductors
Part # 74LVC1T45
Download  74LVC1T45 Download
File Size   884.39 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual supply translating transceiver; 3-state

74LVC1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1T45 Datasheet PDF - NXP Semiconductors

Part # 74LVC1T45
Download  74LVC1T45 Click to download

File Size   884.39 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual supply translating transceiver; 3-state

74LVC1T45 Datasheet (HTML) - NXP Semiconductors


74LVC1T45 Product details

General description
The 74LVC1T45; 74LVCH1T45 are single bit, dual supply transceivers with 3-state outputs that enables bidirectional level translation. They feature one data input-output port (A and B), a direction control input (DIR) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 1.2 V and 5.5 V making the device suitable for translating between any of the low voltage nodes (1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). Pins A and DIR are referenced to VCC(A) and pin B is referenced to VCC(B). A HIGH on DIR allows transmission from A to B and a LOW on DIR allows transmission from B to A.
The devices are fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing any damaging backflow current through the device when it is powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both A port and B port are in the high-impedance OFF-state.
Active bus hold circuitry in the 74LVCH1T45 holds unused or floating data inputs at a valid logic level.

Features
■ Wide supply voltage range:
   ◆ VCC(A): 1.2 V to 5.5 V
   ◆ VCC(B): 1.2 V to 5.5 V
■ High noise immunity
■ Complies with JEDEC standards:
   ◆ JESD8-7 (1.2 V to 1.95 V)
   ◆ JESD8-5 (1.8 V to 2.7 V)
   ◆ JESD8C (2.7 V to 3.6 V)
   ◆ JESD36 (4.5 V to 5.5 V)
■ ESD protection:
   ◆ HBM JESD22-A114E Class 3A exceeds 4000 V
   ◆ CDM JESD22-C101C exceeds 1000 V
■ Maximum data rates:
   ◆ 420 Mbps (3.3 V to 5.0 V translation)
   ◆ 210 Mbps (translate to 3.3 V))
   ◆ 140 Mbps (translate to 2.5 V)
   ◆ 75 Mbps (translate to 1.8 V)
   ◆ 60 Mbps (translate to 1.5 V)
■ Suspend mode
■ Latch-up performance exceeds 100 mA per JESD 78 Class II
■ ±24 mA output drive (VCC = 3.0 V)
■ Inputs accept voltages up to 5.5 V
■ Low power consumption: 16 μA maximum ICC
■ IOFF circuitry provides partial Power-down mode operation
■ Multiple package options
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74LVC1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
logo
Diodes Incorporated
74LVC1T45 DIODES-74LVC1T45 Datasheet
376Kb / 14P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
Rev ersed
logo
Nexperia B.V. All right...
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
Dual supply translating transceiver; 3-state
logo
Diodes Incorporated
74LVC1T45DW DIODES-74LVC1T45DW Datasheet
376Kb / 14P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
Rev ersed
More results


Similar Description - 74LVC1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
Dual supply translating transceiver; 3-state
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com