Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G07DP Datasheet (PDF) - NXP Semiconductors

74LVC3G07DP Datasheet PDF - NXP Semiconductors
Part # 74LVC3G07DP
Download  74LVC3G07DP Download
File Size   101.45 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer with open-drain output

74LVC3G07DP Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G07DP Datasheet PDF - NXP Semiconductors

Part # 74LVC3G07DP
Download  74LVC3G07DP Click to download

File Size   101.45 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer with open-drain output

74LVC3G07DP Datasheet (HTML) - NXP Semiconductors


74LVC3G07DP Product details

General description

The 74LVC3G07 provides three non-inverting buffers. The output of the device is an open-drain and can be connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions. Input can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device in a mixed 3.3 V and 5 V environment.

Schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall time.

This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.



Features

■ Wide supply voltage range from 1.65 V to 5.5 V

■ 5 V tolerant input/output for interfacing with 5 V logic

■ High noise immunity

■ Complies with JEDEC standard:

  ◆ JESD8-7 (1.65 V to 1.95 V)

  ◆ JESD8-5 (2.3 V to 2.7 V)

  ◆ JESD8-B/JESD36 (2.7 V to 3.6 V).

■ ESD protection:

  ◆ HBM EIA/JESD22-A114-B exceeds 2000 V

  ◆ MM EIA/JESD22-A115-A exceeds 200 V.

■ −24 mA output drive (VCC = 3.0 V)

■ CMOS low power consumption

■ Latch-up performance exceeds 250 mA

■ Direct interface with TTL levels

■ Inputs accept voltages up to 5 V

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C.




Similar Part No. - 74LVC3G07DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G07DP PHILIPS-74LVC3G07DP Datasheet
78Kb / 14P
Triple buffer with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G07DP NEXPERIA-74LVC3G07DP Datasheet
256Kb / 16P
Triple buffer with open-drain output
Rev. 14 - 28 January 2021
74LVC3G07DP-Q100 NEXPERIA-74LVC3G07DP-Q100 Datasheet
202Kb / 11P
Triple buffer with open-drain output
More results


Similar Description - 74LVC3G07DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G07 STMICROELECTRONICS-74V2G07 Datasheet
199Kb / 9P
TRIPLE BUFFER (OPEN DRAIN)
Nov-2001
logo
NXP Semiconductors
74LVC3G07 PHILIPS-74LVC3G07 Datasheet
78Kb / 14P
Triple buffer with open-drain output
Rev. 03-01 February 2005
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
Triple buffer with open-drain output
Rev. 11-9 April 2013
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74LVC3G07-Q100 NEXPERIA-74LVC3G07-Q100 Datasheet
202Kb / 11P
Triple buffer with open-drain output
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
Low-power triple buffer with open-drain output
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC3G07 NEXPERIA-74LVC3G07 Datasheet
256Kb / 16P
Triple buffer with open-drain output
Rev. 14 - 28 January 2021
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com