Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G17 Datasheet (PDF) - NXP Semiconductors

74LVC3G17 Datasheet PDF - NXP Semiconductors
Part # 74LVC3G17
Download  74LVC3G17 Download
File Size   109.61 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple non-inverting Schmitt trigger with 5 V tolerant input

74LVC3G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G17 Datasheet PDF - NXP Semiconductors

Part # 74LVC3G17
Download  74LVC3G17 Click to download

File Size   109.61 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple non-inverting Schmitt trigger with 5 V tolerant input

74LVC3G17 Datasheet (HTML) - NXP Semiconductors


74LVC3G17 Product details

General description

The 74LVC3G17 provides three non-inverting buffers with Schmitt trigger action. It is capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of the 74LVC3G17 as a translator in a mixed 3.3 V and 5 V environment. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing a damaging backflow current through the device

when it is powered down.



Features

■ Wide supply voltage range from 1.65 V to 5.5 V

■ 5 V tolerant input/output for interfacing with 5 V logic

■ High noise immunity

■ ESD protection:

  ◆ HBM JESD22-A114E exceeds 2000 V

  ◆ MM JESD22-A115-A exceeds 200 V

■ ±24 mA output drive (VCC = 3.0 V)

■ CMOS low-power consumption

■ Latch-up performance exceeds 250 mA

■ Direct interface with TTL levels

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C



Applications

■ Wave and pulse shapers for highly noisy environments




Similar Part No. - 74LVC3G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G17 NEXPERIA-74LVC3G17 Datasheet
278Kb / 17P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
Triple non-inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC3G17DC PHILIPS-74LVC3G17DC Datasheet
91Kb / 16P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
More results


Similar Description - 74LVC3G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
Triple non-inverting Schmitt trigger with 5 V tolerant input
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC3G17 NEXPERIA-74LVC3G17 Datasheet
278Kb / 17P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com