Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC132AD Datasheet (PDF) - NXP Semiconductors

74LVC132AD Datasheet PDF - NXP Semiconductors
Part # 74LVC132AD
Download  74LVC132AD Download
File Size   96.8 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input NAND Schmitt trigger

74LVC132AD Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC132AD Datasheet PDF - NXP Semiconductors

Part # 74LVC132AD
Download  74LVC132AD Click to download

File Size   96.8 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input NAND Schmitt trigger

74LVC132AD Datasheet (HTML) - NXP Semiconductors


74LVC132AD Product details

General description
The 74LVC132A provides four 2-input NAND gates with Schmitt trigger inputs. It is capable of transforming slowly-changing input signals into sharply defined, jitter-free output signals.

Features and benefits
■ Wide supply voltage range from 1.2 V to 3.6 V
■ 5 V tolerant inputs for interfacing with 5 V logic
■ CMOS low-power consumption
■ Direct interface with TTL levels
■ Unlimited input rise and fall times
■ Inputs accept voltages up to 5.5 V
■ Complies with JEDEC standard JESD8-C/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-B exceeds 200 V
    ◆ CDM JESD22-C101E exceeds 1000 V
■ Specified from -40 °C to +85 °C and -40 °C to +125 °C

Applications
■ Wave and pulse shapers for highly noisy environments
■ Astable multivibrator
■ Monostable multivibrator.




Similar Part No. - 74LVC132AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC132AD PHILIPS-74LVC132AD Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Nexperia B.V. All right...
74LVC132AD NEXPERIA-74LVC132AD Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
74LVC132AD-Q100 NEXPERIA-74LVC132AD-Q100 Datasheet
761Kb / 16P
Quad 2-input NAND Schmitt trigger
More results


Similar Description - 74LVC132AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
Quad 2-input NAND Schmitt trigger
1999 Sep 24
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com