Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F87K22T-E/MR Datasheet (PDF) - Microchip Technology

PIC18F87K22T-E/MR Datasheet PDF - Microchip Technology
Part # PIC18F87K22T-E/MR
Download  PIC18F87K22T-E/MR Download
File Size   4582.02 Kbytes
Page   548 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology

PIC18F87K22T-E/MR Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F87K22T-E/MR Datasheet PDF - Microchip Technology

Part # PIC18F87K22T-E/MR
Download  PIC18F87K22T-E/MR Click to download

File Size   4582.02 Kbytes
Page   548 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology

PIC18F87K22T-E/MR Datasheet (HTML) - Microchip Technology


PIC18F87K22T-E/MR Product details

DEVICE OVERVIEW
This document contains device-specific information for the following devices:

• PIC18F65K22 • PIC18F85K22
• PIC18F66K22 • PIC18F86K22
• PIC18F67K22 • PIC18F87K22

This family combines the traditional advantages of all PIC18 microcontrollers – namely, high computational performance and a rich feature set – with an extremely competitive price point. These features make the PIC18F87K22 family a logical choice for many high-performance applications where price is a primary consideration.

Low-Power Features:
• Power-Managed modes:
    - Run: CPU on, peripherals on
    - Idle: CPU off, peripherals on
    - Sleep: CPU off, peripherals off
• Two-Speed Oscillator Start-up
• Fail-Safe Clock Monitor
• Power-Saving Peripheral Module Disable (PMD)
• Ultra Low-Power Wake-up
• Fast Wake-up, 1 s Typical
• Low-Power WDT, 300 nA Typical
• Ultra Low 50 nA Input Leakage
• Run mode Currents Down to 5.5 A, Typical
• Idle mode Currents Down to 1.7 A Typical
• Sleep mode Currents Down to Very Low 20 nA, Typical
• RTCC Current Downs to Very Low 700 nA, Typical

Special Microcontroller Features:
• Operating Voltage Range: 1.8V to 5.5V
• On-Chip 3.3V Regulator
• Operating Speed up to 64 MHz
• Up to 128 Kbytes On-Chip Flash Program Memory
• Data EEPROM of 1,024 Bytes
• 4K x 8 General Purpose Registers (SRAM)
• 10,000 Erase/Write Cycle Flash Program Memory, Minimum
• 1,000,000 Erase/write Cycle Data EEPROM Memory, Typical
• Flash Retention: 40 Years, Minimum
• Three Internal Oscillators: LF-INTRC (31 kHz), MF-INTOSC (500 kHz) and HF-INTOSC (16 MHz)
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
    - Programmable period from 4 ms to 4,194s (about 70 minutes)
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug via Two Pins
• Programmable:
    - BOR
    - LVD




Similar Part No. - PIC18F87K22T-E/MR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87K22TEMRQTP MICROCHIP-PIC18F87K22TEMRQTP Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
PIC18F87K22TEMRSQTP MICROCHIP-PIC18F87K22TEMRSQTP Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
PIC18F87K22TEPTQTP MICROCHIP-PIC18F87K22TEPTQTP Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
PIC18F87K22TEPTSQTP MICROCHIP-PIC18F87K22TEPTSQTP Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
PIC18F87K22TIMRQTP MICROCHIP-PIC18F87K22TIMRQTP Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
More results


Similar Description - PIC18F87K22T-E/MR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6627 MICROCHIP-PIC18F6627 Datasheet
7Mb / 444P
64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F8722 MICROCHIP-PIC18F8722_1 Datasheet
7Mb / 448P
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_08 Datasheet
7Mb / 446P
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F8723 MICROCHIP-PIC18F8723 Datasheet
1Mb / 60P
64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com