Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet (PDF) - NXP Semiconductors

BAS116 Datasheet PDF - NXP Semiconductors
Part # BAS116
Download  BAS116 Download
File Size   124.16 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-leakage diode

BAS116 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS116 Datasheet PDF - NXP Semiconductors

Part # BAS116
Download  BAS116 Click to download

File Size   124.16 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-leakage diode

BAS116 Datasheet (HTML) - NXP Semiconductors


BAS116 Product details

DESCRIPTION
Epitaxial medium-speed switching diode with a low leakage current in a small SOT23 plastic SMD package.

FEATURES
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 µs
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.

APPLICATION
• Low leakage current applications in surface mounted circuits.




Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results


Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Central Semiconductor C...
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS45A PHILIPS-BAS45A_15 Datasheet
122Kb / 8P
Low-leakage diode
1996 Mar 13
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com