Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS216 Datasheet (PDF) - NXP Semiconductors

BAS216 Datasheet PDF - NXP Semiconductors
Part # BAS216
Download  BAS216 Download
File Size   125.55 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed switching diode

BAS216 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS216 Datasheet PDF - NXP Semiconductors

Part # BAS216
Download  BAS216 Click to download

File Size   125.55 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed switching diode

BAS216 Datasheet (HTML) - NXP Semiconductors


BAS216 Product details

DESCRIPTION
The BAS216 is a high-speed switching diode fabricated in planar technology, and encapsulated in the SOD110 very small rectangular ceramic SMD package.

FEATURES
• Small ceramic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
   max. 75 V
• Repetitive peak reverse voltage:
   max. 85 V
• Repetitive peak forward current:
   max. 500 mA.

APPLICATIONS
• High-speed switching in e.g.
   surface mounted circuits.




Similar Part No. - BAS216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS216 PHILIPS-BAS216 Datasheet
59Kb / 12P
High-speed switching diode
1999 Apr 22
logo
Guangdong Kexin Industr...
BAS216 KEXIN-BAS216 Datasheet
39Kb / 2P
HIGH-SPEED SWITCHING DIODE
logo
Shenzhen Luguang Electr...
BAS216 LUGUANG-BAS216 Datasheet
343Kb / 3P
Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
200mW SOD-323 SURFACE MOUNT
logo
SEMTECH ELECTRONICS LTD...
BAS216WS SEMTECH_ELEC-BAS216WS Datasheet
319Kb / 3P
High Speed Switching Diode
More results


Similar Description - BAS216

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com