Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT18 Datasheet (PDF) - NXP Semiconductors

BAT18 Datasheet PDF - NXP Semiconductors
Part # BAT18
Download  BAT18 Download
File Size   51.33 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Silicon planar diode

BAT18 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT18 Datasheet PDF - NXP Semiconductors

Part # BAT18
Download  BAT18 Click to download

File Size   51.33 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Silicon planar diode

BAT18 Datasheet (HTML) - NXP Semiconductors


BAT18 Product details

General description
Planar high performance band-switching diode in a small rectangular SOT23 SMD plastic package.

Features
■ Continuous reverse voltage: max. 35 V
■ Continuous forward current: max. 100 mA
■ Low diode capacitance: max. 1.0 pF
■ Low diode forward resistance: max. 0.7 Ω.

Applications
■ Band switching.




Similar Part No. - BAT18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18 Datasheet
27Kb / 4P
Band-switching diode
1996 Mar 13
logo
Siemens Semiconductor G...
BAT18 SIEMENS-BAT18 Datasheet
39Kb / 2P
Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
432Kb / 3P
Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18 KEXIN-BAT18 Datasheet
35Kb / 1P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
More results


Similar Description - BAT18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
Silicon Planar Diode
18-Mar-99
logo
AUK corp
SUD492J AUK-SUD492J Datasheet
248Kb / 4P
Silicon epitaxial planar Diode
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
KDS121E KEC-KDS121E Datasheet
174Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380 BILIN-1SS380 Datasheet
101Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
NXP Semiconductors
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
BAT18 PHILIPS-BAT18_15 Datasheet
62Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com